Part Number Hot Search : 
M5S28BJ 2045CT 25V18 CT240 PM3386 ML99212 HPR409 5KP26
Product Description
Full Text Search
 

To Download SB140-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB140-E THRU SB160-E
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 40 to 60V CURRENT: 1.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C Halogen Free
DO-41
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 Halogen Free Epoxy Polarity: color band denotes cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at rated DC blocking voltage Typical Junction Capacitance Typical Thermal Resistance Operating Junction Temperature Storage Temperature
Note:
SB140-E 40 28 40 1.0 40.0 0.5 1.0 10.0 90.0 50.0 -65 to +125 -65 to +150
SB160-E 60 42 60
units V V V A A
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Cj Rth(ja) Tj Tstg
0.7
V mA pF /W C C C
Ta =25 C Ta =100 C (Note 1) (Note 2)
-65 to +150
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB140-E THRU SB160-E
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB140-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X